Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 363Page - Renesas Technology Corp HD6433637SW Datasheet HTML 364Page - Renesas Technology Corp HD6433637SW Datasheet HTML 365Page - Renesas Technology Corp HD6433637SW Datasheet HTML 366Page - Renesas Technology Corp HD6433637SW Datasheet HTML 367Page - Renesas Technology Corp HD6433637SW Datasheet HTML 368Page - Renesas Technology Corp HD6433637SW Datasheet HTML 369Page - Renesas Technology Corp HD6433637SW Datasheet HTML 370Page - Renesas Technology Corp HD6433637SW Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 418 page
background image
353
DTCR—DTMF control register
H'B2
DTMF generator
Bit
Initial value
Read/Write
7
DTEN
0
R/W
6
—
1
—
5
CLOE
0
R/W
4
RWOE
0
R/W
3
CLF1
0
R/W
0
RWF0
0
R/W
2
CLF0
0
R/W
1
RWF1
0
R/W
DTMF row signal output frequency 1 and 0
RWF0
0
1
0
1
DTMF row signal output frequency
697 Hz (R1)
770 Hz (R2)
852 Hz (R3)
941 Hz (R4)
Row output enable
0
1
DTMF row signal output is disabled (high-impedance)
DTMF row signal output is enabled
RWF1
0
1
DTMF column signal output frequency 1 and 0
CLF0
0
1
0
1
DTMF column signal output frequency
1209 Hz (C1)
1336 Hz (C2)
1447 Hz (C3)
1633 Hz (C4)
CLF1
0
1
Column output enable
0
1
DTMF column signal output is disabled (high-impedance)
DTMF column signal output is enabled
DTMF generator enable
0
1
DTMF generator is halted
DTMF generator operates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com