Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 365Page - Renesas Technology Corp HD6433637SW Datasheet HTML 366Page - Renesas Technology Corp HD6433637SW Datasheet HTML 367Page - Renesas Technology Corp HD6433637SW Datasheet HTML 368Page - Renesas Technology Corp HD6433637SW Datasheet HTML 369Page - Renesas Technology Corp HD6433637SW Datasheet HTML 370Page - Renesas Technology Corp HD6433637SW Datasheet HTML 371Page - Renesas Technology Corp HD6433637SW Datasheet HTML 372Page - Renesas Technology Corp HD6433637SW Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 418 page
background image
355
TCSRW—Timer control/status register W
H'B4
Watchdog timer
Bit
Initial value
Read/Write
7
B6WI
1
R
6
TCWE
0
R/(W)*
5
B4WI
1
R
4
TCSRWE
0
R/(W)*
3
B2WI
1
R
0
WRST
0
R/(W)*
2
WDON
0
R/(W)*
1
B0WI
1
R
Watchdog timer reset
1
0
[Clearing conditions]
• Reset by RES pin
• When 0 is written to WRST
while writing 0 to B0WI
when TCSRWE is set to 1
1
[Setting condition]
When TCW overflows and
an internal reset signal is
generated
Bit 0 write disable
1
0
Writing to bit 0 enabled
1
Writing to bit 0 disabled
Watchdog timer on
1
0
Watchdog timer operation disabled
1
Watchdog timer operation enabled
Bit 2 write disable
1
0
Writing to bit 2 enabled
1
Writing to bit 2 disabled
Timer control/status register W write enable
1
0
Writing to bit 2 and bit 0 disabled
1
Writing to bit 2 and bit 0 enabled
Bit 4 write disable
1
0
Writing to bit 4 enabled
1
Writing to bit 4 disabled
Timer counter W write enable
1
0
Data writing to TCW disabled
1
Data writing to TCW enabled
Bit 6 write disable
1
0
Writing to bit 6 enabled
1
Writing to bit 6 disabled
Note: * Writing possible only when write condition is satisfied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com