Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 115Page - Renesas Technology Corp HD6433637SW Datasheet HTML 116Page - Renesas Technology Corp HD6433637SW Datasheet HTML 117Page - Renesas Technology Corp HD6433637SW Datasheet HTML 118Page - Renesas Technology Corp HD6433637SW Datasheet HTML 119Page - Renesas Technology Corp HD6433637SW Datasheet HTML 120Page - Renesas Technology Corp HD6433637SW Datasheet HTML 121Page - Renesas Technology Corp HD6433637SW Datasheet HTML 122Page - Renesas Technology Corp HD6433637SW Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 418 page
background image
105
Time for Direct Transfer from Subactive Mode to Active (High-Speed) Mode: When a
SLEEP instruction is executed in subactive mode while the SSBY bit in SYSCR1 is set to 1,
the LSON bit in SYSCR1 is cleared to 0, the MSON bit in SYSCR2 is cleared to 0, the
DTON bit in SYSCR2 is set to 1, and bit TMA3 in TMA is set to 1, a transition is made
directly to active (high-speed) mode. In this case, the time from execution of the SLEEP
instruction to the end of interrupt exception handling (the direct transfer time) is given by
equation (3) below:
Direct transfer time ={ (Number of SLEEP instruction execution states) +
(number of internal processing states) }
× (t
subcyc before transition) +
{ (standby time set in STS2 to STS0) +
(number of interrupt exception handling execution states) }
×
(t
cyc after transition) ...................................................................... (3)
Example: H8/3637S Series direct transfer time = (2 + 1)
× 8t
w + (8192 + 14) × 2tosc= 24tw +
16412t
osc
(When ø
w/8 CPU operating clock and 8192-state standby time are selected)
Legend:
t
osc: OSC clock cycle time
t
w: Watch clock cycle time
t
cyc: System clock (ø) cycle time
t
subcyc: Subclock (øSUB) cycle time
Time for Direct Transfer from Subactive Mode to Active (Medium-Speed) Mode: When
a SLEEP instruction is executed in subactive mode while the SSBY bit in SYSCR1 is set to 1,
the LSON bit in SYSCR1 is cleared to 0, the MSON bit in SYSCR2 is set to 1, the DTON bit
in SYSCR2 is set to 1, and bit TMA3 in TMA is set to 1, a transition is made directly to active
(medium-speed) mode. In this case, the time from execution of the SLEEP instruction to the
end of interrupt exception handling (the direct transfer time) is given by equation (4) below:
Direct transfer time ={ (Number of SLEEP instruction execution states) +
(number of internal processing states) }
× (t
subcyc before transition) +
{ (standby time set in STS2 to STS0) +
(number of interrupt exception handling execution states) }
×
(t
cyc after transition) ...................................................................... (4)
Example: H8/3637S Series direct transfer time = (2 + 1)
× 8t
w + (8192 + 14) × 16tosc= 24tw +
13129t
osc
(When ø
w/8 CPU operating clock and 8192-state standby time are selected)
Legend:
t
osc: OSC clock cycle time
t
w: Watch clock cycle time
t
cyc: System clock (ø) cycle time
t
subcyc: Subclock (øSUB) cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com