Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 114Page - Renesas Technology Corp HD6433637SW Datasheet HTML 115Page - Renesas Technology Corp HD6433637SW Datasheet HTML 116Page - Renesas Technology Corp HD6433637SW Datasheet HTML 117Page - Renesas Technology Corp HD6433637SW Datasheet HTML 118Page - Renesas Technology Corp HD6433637SW Datasheet HTML 119Page - Renesas Technology Corp HD6433637SW Datasheet HTML 120Page - Renesas Technology Corp HD6433637SW Datasheet HTML 121Page - Renesas Technology Corp HD6433637SW Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 418 page
background image
104
to 1, and bit TMA3 in TMA is set to 1, a transition is made directly to active (medium-speed)
mode via watch mode after the waiting time set in SYSCR1 bits STS2 to STS0 has elapsed.
5.8.2
Direct Transfer Time
Time for Direct Transfer from Active (High-Speed) Mode to Active (Medium-Speed)
Mode: When a SLEEP instruction is executed in active (high-speed) mode while the SSBY
bit in SYSCR1 is cleared to 0, the LSON bit in SYSCR1 is cleared to 0, the MSON bit in
SYSCR2 is set to 1, and the DTON bit in SYSCR2 is set to 1, a transition is made directly to
active (medium-speed) mode. In this case, the time from execution of the SLEEP instruction
to the end of interrupt exception handling (the direct transfer time) is given by equation (1)
below:
Direct transfer time ={ (Number of SLEEP instruction execution states) +
(number of internal processing states) }
× (t
cyc before transition) +
(number of interrupt exception handling execution states)
×
(t
cyc after transition) ...................................................................... (1)
Example: H8/3637S Series direct transfer time = (2 + 1)
× 2t
osc + 14 × 16tosc = 230tosc
Legend:
t
osc: OSC clock cycle time
t
cyc: System clock (ø) cycle time
Time for Direct Transfer from Active (Medium-Speed) Mode to Active (High-Speed)
Mode: When a SLEEP instruction is executed in active (medium-speed) mode while the
SSBY bit in SYSCR1 is cleared to 0, the LSON bit in SYSCR1 is cleared to 0, the MSON bit
in SYSCR2 is cleared to 0, and the DTON bit in SYSCR2 is set to 1, a transition is made
directly to active (high-speed) mode. In this case, the time from execution of the SLEEP
instruction to the end of interrupt exception handling (the direct transfer time) is given by
equation (2) below:
Direct transfer time ={ (Number of SLEEP instruction execution states) +
(number of internal processing states) }
× (t
cyc before transition) +
(number of interrupt exception handling execution states)
×
(t
cyc after transition) ...................................................................... (2)
Example: H8/3637S Series direct transfer time = (2 + 1)
× 16t
osc + 14 × 2tosc = 76tosc
Legend:
t
osc: OSC clock cycle time
t
cyc: System clock (ø) cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com