Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 150Page - Renesas Technology Corp HD6433637SW Datasheet HTML 151Page - Renesas Technology Corp HD6433637SW Datasheet HTML 152Page - Renesas Technology Corp HD6433637SW Datasheet HTML 153Page - Renesas Technology Corp HD6433637SW Datasheet HTML 154Page - Renesas Technology Corp HD6433637SW Datasheet HTML 155Page - Renesas Technology Corp HD6433637SW Datasheet HTML 156Page - Renesas Technology Corp HD6433637SW Datasheet HTML 157Page - Renesas Technology Corp HD6433637SW Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 418 page
background image
140
Port Mode Register 5 (PMR5)
Bit
76543210
WKP
7
WKP
6
WKP
5
WKP
4
WKP
3
WKP
2
WKP
1
WKP
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PMR5 is an 8-bit read/write register, controlling the selection of pin functions for port 5 pins.
Upon reset, PMR5 is initialized to H'00.
Bit n: P5
n/WKPn Pin Function Switch (WKPn): This bit selects whether it is used as P5n or as
WKP
n.
Bit n: WKPn
Description
0
Functions as P5
n I/O pin
(initial value)
1
Functions as
WKP
n input pin
(n = 7 to 0)
8.4.3
Pin Functions
Table 8.9 shows the port 5 pin functions.
Table 8.9
Port 5 Pin Functions
Pin
Pin Functions and Selection Method
P5
7/ WKP 7 to
P5
0/ WKP 0
The pin function depends on bit WKP
n in PMR5 and bit PCR5n in PCR5.
(n = 7 to 0)
WKP
n
01
PCR5
n
01
*
Pin function
P5
n input pin
P5
n output pin
WKP
n input pin
Note: * Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com