Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 146Page - Renesas Technology Corp HD6433637SW Datasheet HTML 147Page - Renesas Technology Corp HD6433637SW Datasheet HTML 148Page - Renesas Technology Corp HD6433637SW Datasheet HTML 149Page - Renesas Technology Corp HD6433637SW Datasheet HTML 150Page - Renesas Technology Corp HD6433637SW Datasheet HTML 151Page - Renesas Technology Corp HD6433637SW Datasheet HTML 152Page - Renesas Technology Corp HD6433637SW Datasheet HTML 153Page - Renesas Technology Corp HD6433637SW Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 418 page
background image
136
Table 8.6
Port 2 Pin Functions (cont)
Pin
Pin Functions and Selection Method
P2
2/SI1
The pin function depends on bit SI1 in PMR2 and bit PCR2
2 in PCR2.
SI1
0
1
PCR2
2
01
*
Pin function
P2
2 input pin
P2
2 output pin
SI
1 input pin
P2
1/SCK1
The pin function depends on bit SCK1 in PMR2, bit CKS3 in SCR1, and bit
PCR2
1 in PCR2.
SCK1
0
1
CKS
3
*
01
PCR2
1
01
**
Pin function
P2
1
input pin
P2
1
output pin
SCK
1
output pin
SCK
1
input pin
P2
0/ IRQ4/
ADTRG
The pin function depends on bit IRQ4 in PMR2, bit TRGE in AMR, and bit
PCR2
0 in PCR2.
IRQ4
0
1
PCR2
0
01
*
TRGE
*
01
Pin function
P2
0
input pin
P2
0
output pin
IRQ
4
input pin
IRQ
4/ ADTRG
input pin
Note:
When using this pin for
ADTRG input, clear bit IEN4 to 0 in IENR1 to
disable IRQ
4 interrupts.
Note: * Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com