Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 144Page - Renesas Technology Corp HD6433637SW Datasheet HTML 145Page - Renesas Technology Corp HD6433637SW Datasheet HTML 146Page - Renesas Technology Corp HD6433637SW Datasheet HTML 147Page - Renesas Technology Corp HD6433637SW Datasheet HTML 148Page - Renesas Technology Corp HD6433637SW Datasheet HTML 149Page - Renesas Technology Corp HD6433637SW Datasheet HTML 150Page - Renesas Technology Corp HD6433637SW Datasheet HTML 151Page - Renesas Technology Corp HD6433637SW Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 418 page
background image
134
Port Mode Register 6 (PMR6)
Bit
76543210
—————
TXD
——
Initial value
11111000
Read/Write
—
—
—
R/W
—
R/W
R/W
R/W
Bits 7, 6, 5, and 3: Reserved Bits: Bits 7, 6, 5, and 3 are reserved bits. They are always read
as 1 and cannot be modified.
Bit 4—Reserved Bit: Bit 4 is reserved: it should be used set to 1.
Bit 2—P2
6/TXD Pin Function Switch (TXD): This bits selects whether the P26/TXD pin is
used as P2
6 or as TXD.
Bit 2: TXD
Description
0
Functions as P2
6 I/O pin
(initial value)
1
Functions as TXD output pin
Bits 1 and 0—Reserved Bits: Bits 1 and 0 are reserved: they should be used cleared to 0.
Port Pull-Up Control Register 2 (PUCR2)
Bit
76543210
PUCR2
7
PUCR2
6
PUCR2
5
PUCR2
4
PUCR2
3
PUCR2
2
PUCR2
1
PUCR2
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PUCR2 controls whether the MOS pull-up of each port 2 pin is on or off. When a PCR2 bit is
cleared to 0, setting the corresponding PUCR2 bit to 1 turns on the MOS pull-up for the
corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR2 is initialized to H'00.
Note:
As P2
7 is an input-only pin, the MOS pull-up is turned off regardless of whether PUCR27
is set to 1 or cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com