Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 140Page - Renesas Technology Corp HD6433637SW Datasheet HTML 141Page - Renesas Technology Corp HD6433637SW Datasheet HTML 142Page - Renesas Technology Corp HD6433637SW Datasheet HTML 143Page - Renesas Technology Corp HD6433637SW Datasheet HTML 144Page - Renesas Technology Corp HD6433637SW Datasheet HTML 145Page - Renesas Technology Corp HD6433637SW Datasheet HTML 146Page - Renesas Technology Corp HD6433637SW Datasheet HTML 147Page - Renesas Technology Corp HD6433637SW Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 418 page
background image
130
8.3
Port 2
8.3.1
Overview
Port 2 is an 7-bit I/O port and 1-bit input port. Figure 8.2 shows its pin configuration.
P27/IRQ0
P26/TXD
P25/RXD
P24/SCK3
P23/SO1
P22/SI1
P21/SCK1
P20/IRQ4/ADTRG
Port 2
Figure 8.2 Port 2 Pin Configuration
8.3.2
Register Configuration and Description
Table 8.5 shows the port 2 register configuration.
Table 8.5
Port 2 Registers
Name
Abbrev.
R/W
Initial Value
Address
Port data register 2
PDR2
R/W
H'00
H'FFD5
Port control register 2
PCR2
W
H'00
H'FFE5
Port mode register 2
PMR2
R/W
H'40
H'FF99
Port mode register 6
PMR6
R/W
H'F8
H'FF9A
Port pull-up control register 2
PUCR2
R/W
H'00
H'FF9D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com