Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 137Page - Renesas Technology Corp HD6433637SW Datasheet HTML 138Page - Renesas Technology Corp HD6433637SW Datasheet HTML 139Page - Renesas Technology Corp HD6433637SW Datasheet HTML 140Page - Renesas Technology Corp HD6433637SW Datasheet HTML 141Page - Renesas Technology Corp HD6433637SW Datasheet HTML 142Page - Renesas Technology Corp HD6433637SW Datasheet HTML 143Page - Renesas Technology Corp HD6433637SW Datasheet HTML 144Page - Renesas Technology Corp HD6433637SW Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 418 page
background image
127
8.2.3
Pin Functions
Table 8.3 shows the port 1 pin functions.
Table 8.3
Port 1 Pin Functions
Pin
Pin Functions and Selection Method
P1
7/ IRQ3/TMIF
The pin function depends on bit IRQ3 in PMR1, bits CKSL2 to CKSL0 in TCRF,
and bit PCR1
7 in PCR1.
IRQ3
0
1
PCR1
7
01
*
CKSL2 to CKSL0
*
Not 0**
0**
Pin function
P1
7 input pin
P1
7 output pin
IRQ
3 input pin
IRQ
3/TMIF
input pin
Note:
When using this pin for TMIF input, clear bit IEN3 to 0 in IENR1 to
disable IRQ
3 interrupts.
P1
6/ IRQ2/TMCIY
The pin function depends on bit IRQ2 in PMR1, bits TMY2 to TMY0 in TMY, and
bit PCR1
6 in PCR1.
IRQ2
0
1
PCR1
6
01
*
TMY2 to TMY0
*
Not 111
111
Pin function
P1
6 input pin
P1
6 output pin
IRQ
2 input pin
IRQ
2/TMCIY
input pin
Note:
When using this pin for TMCIY input, clear bit IEN2 in IENR1 to disable
IRQ
2 interrupts.
P1
5/ IRQ1
The pin function depends on bit IRQ1 in PMR1 and bit PCR1
5 in PCR1.
IRQ1
0
1
PCR1
5
01
*
Pin function
P1
5 input pin
P1
5 output pin
IRQ
1 input pin
P1
4/PWM
The pin function depends on bit PWM in PMR1 and bit PCR1
4 in PCR1.
PWM
0
1
PCR1
4
01
*
Pin function
P1
4 input pin
P1
4 output pin
PWM output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com