Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 136Page - Renesas Technology Corp HD6433637SW Datasheet HTML 137Page - Renesas Technology Corp HD6433637SW Datasheet HTML 138Page - Renesas Technology Corp HD6433637SW Datasheet HTML 139Page - Renesas Technology Corp HD6433637SW Datasheet HTML 140Page - Renesas Technology Corp HD6433637SW Datasheet HTML 141Page - Renesas Technology Corp HD6433637SW Datasheet HTML 142Page - Renesas Technology Corp HD6433637SW Datasheet HTML 143Page - Renesas Technology Corp HD6433637SW Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 418 page
background image
126
Bit 4—P1
4/PWM Pin Function Switch (PWM): This bits selects whether the P14/PWM pin
is used as P1
4 or as PWM.
Bit 4: PWM
Description
0
Functions as P1
4 I/O pin
(initial value)
1
Functions as PWM output pin
Bit 3—P1
3/TMIG Pin Function Switch (TMIG): This bit selects whether pin P13/TMIG is used
as P1
3 or as TMIG.
Bit 3: TMIG
Description
0
Functions as P1
3 I/O pin
(initial value)
1
Functions as TMIG input pin
Bit 2—P1
2/TMOFH Pin Function Switch (TMOFH): This bit selects whether pin P12/TMOFH
is used as P1
2 or as TMOFH.
Bit 2: TMOFH
Description
0
Functions as P1
2 I/O pin
(initial value)
1
Functions as TMOFH output pin
Bit 1—P1
1/TMOFL Pin Function Switch (TMOFL): This bit selects whether pin P11/TMOFL
is used as P1
1 or as TMOFL.
Bit 1: TMOFL
Description
0
Functions as P1
1 I/O pin
(initial value)
1
Functions as TMOFL output pin
Bit 0—P1
0/TMOW Pin Function Switch (TMOW): This bit selects whether pin P10/TMOW is
used as P1
0 or as TMOW.
Bit 0: TMOW
Description
0
Functions as P1
0 I/O pin
(initial value)
1
Functions as TMOW output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com