Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 132Page - Renesas Technology Corp HD6433637SW Datasheet HTML 133Page - Renesas Technology Corp HD6433637SW Datasheet HTML 134Page - Renesas Technology Corp HD6433637SW Datasheet HTML 135Page - Renesas Technology Corp HD6433637SW Datasheet HTML 136Page - Renesas Technology Corp HD6433637SW Datasheet HTML 137Page - Renesas Technology Corp HD6433637SW Datasheet HTML 138Page - Renesas Technology Corp HD6433637SW Datasheet HTML 139Page - Renesas Technology Corp HD6433637SW Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 418 page
background image
122
Table 8.1
Port Functions
Port
Description
Pins
Other Functions
Function
Switching
Register
Port 1
• 8-bit I/O port
• Input pull-up MOS
option
P1
7 to P1 5/
IRQ
3 to IRQ1/
TMIF, TMCIY
External interrupts 3 to 1
Timer event input TMIF, TMCIY
PMR1
TCRF, TMY
P1
4/PWM
14-bit PWM output
PMR1
P1
3/TMIG
Timer G input capture
PMR1
P1
2, P11/TMOFH,
TMOFL
Timer F output compare
PMR1
P1
0/TMOW
Timer A clock output
PMR1
Port 2
• 1-bit input-only port P2
7/ IRQ0
External interrupt 0
PMR2
• 7-bit I/O port
• Input pull-up MOS
option
P2
6/TXD
P2
5/RXD
P2
4/SCK3
SCI3 data output (TXD), data input
(RXD), clock input/output (SCK
3)
SCR3
SMR3
PMR6
P2
3/SO 1
P2
2/SI1
P2
1/SCK1
SCI1 data output (SO
1), data input
(SI
1), clock input/output (SCK1)
PMR2
P2
0/ IRQ4/
ADTRG
External interrupt 4 and A/D
converter external trigger
PMR2
Port 5
• 8-bit I/O port
• Input pull-up MOS
option
P5
7 to P5 0/
WKP
7 to WKP 0
Wakeup input (
WKP
7 to WKP 0)
PMR5
Port 6
• 8-bit I/O port
• Input pull-up MOS
option
P6
7 to P6 0
None
Port 7
• 8-bit I/O port
P7
7 to P7 0
None
Port 8
• 8-bit I/O port
P8
7 to P8 0
None
Port 9
• 8-bit I/O port
P9
7 to P9 0
None
Port A
• 4-bit I/O port
PA
3 to PA 0
None
Port B
• 4-bit input port
PB
7 to PB 4/
AN
7 to AN4
A/D converter analog input
AMR
Port E
• 2-bit I/O port
PE
3 to PE 2
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com