Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 135Page - Renesas Technology Corp HD6433637SW Datasheet HTML 136Page - Renesas Technology Corp HD6433637SW Datasheet HTML 137Page - Renesas Technology Corp HD6433637SW Datasheet HTML 138Page - Renesas Technology Corp HD6433637SW Datasheet HTML 139Page - Renesas Technology Corp HD6433637SW Datasheet HTML 140Page - Renesas Technology Corp HD6433637SW Datasheet HTML 141Page - Renesas Technology Corp HD6433637SW Datasheet HTML 142Page - Renesas Technology Corp HD6433637SW Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 418 page
background image
125
Port Mode Register 1 (PMR1)
Bit
76543210
IRQ3
IRQ2
IRQ1
PWM
TMIG
TMOFH
TMOFL
TMOW
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PMR1 is an 8-bit read/write register, controlling the selection of pin functions for port 1 pins.
Upon reset, PMR1 is initialized to H'00.
Bit 7—P1
7/IRQ3/TMIF Pin Function Switch (IRQ3): This bit selects whether pin
P1
7/IRQ3/TMIF is used as P17 or as IRQ3/TMIF.
Bit 7: IRQ3
Description
0
Functions as P1
7 I/O pin
(initial value)
1
Functions as
IRQ
3/TMIF input pin
Note:
Rising or falling edge sensing can be designated for IRQ
3/TMIF.
For information about TMIF pin settings, see 9.3.2 (3), Timer Control Register F (TCRF).
Bit 6—P1
6/IRQ2/TMCIY Pin Function Switch (IRQ2): This bit selects whether pin
P1
6/IRQ2/TMCIY is used as P16 or as IRQ2/TMCIY.
Bit 6: IRQ2
Description
0
Functions as P1
6 I/O pin
(initial value)
1
Functions as
IRQ
2/TMCIY input pin
Note:
Rising or falling edge sensing can be designated for
IRQ
2/TMCIY.
For information on TMCIY setting, see Timer Mode Register Y (TMY), in 9.5.2.
Bit 5—P1
5/IRQ1 Pin Function Switch (IRQ1): This bit selects whether pin P15/IRQ1 is used as
P1
5 or as IRQ1.
Bit 5: IRQ1
Description
0
Functions as P1
5 I/O pin
(initial value)
1
Functions as
IRQ
1 input pin
Note:
Rising or falling edge sensing can be designated for IRQ
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com