Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 145Page - Renesas Technology Corp HD6433637SW Datasheet HTML 146Page - Renesas Technology Corp HD6433637SW Datasheet HTML 147Page - Renesas Technology Corp HD6433637SW Datasheet HTML 148Page - Renesas Technology Corp HD6433637SW Datasheet HTML 149Page - Renesas Technology Corp HD6433637SW Datasheet HTML 150Page - Renesas Technology Corp HD6433637SW Datasheet HTML 151Page - Renesas Technology Corp HD6433637SW Datasheet HTML 152Page - Renesas Technology Corp HD6433637SW Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 418 page
background image
135
8.3.3
Pin Functions
Table 8.6 shows the port 2 pin functions.
Table 8.6
Port 2 Pin Functions
Pin
Pin Functions and Selection Method
P2
7/ IRQ0
The pin function depends on bit IRQ0 in PMR2 and bit PCR2
7 in PCR2.
IRQ0
0
1
PCR2
7
01
*
Pin function
P2
7 input pin
High-
impedance
IRQ
0 input pin
P2
6/TXD
The pin function depends on bit TXD in PMR6 and bit PCR2
6 in PCR2.
TXD
0
1
PCR2
6
01
*
Pin function
P2
6 input pin
P2
6 output pin
TXD output pin
P2
5/RXD
The pin function depends on bit RE in SCR of SCI3 and bit PCR2
5 in PCR2.
RE
0
1
PCR2
5
01
*
Pin function
P2
5 input pin
P2
5 output pin
RXD input pin
P2
4/SCK3
The pin function depends on bits CKE1 and CKE0 in SCR of SCI3, bit COM in
SMR of SCI3, and bit PCR2
4 in PCR2.
CKE1
0
1
CKE0
0
0
1
*
COM
0
1
**
PCR2
4
01
**
Pin function
P2
4
input pin
P2
4
output pin
SCK
3
output pin
SCK
3
input pin
P2
3/SO 1
The pin function depends on bit SO1 in PMR2 and bit PCR2
3 in PCR2.
SO1
0
1
PCR2
3
01
*
Pin function
P2
3 input pin
P2
3 output pin
SO
1 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com