Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 176Page - Renesas Technology Corp HD6433637SW Datasheet HTML 177Page - Renesas Technology Corp HD6433637SW Datasheet HTML 178Page - Renesas Technology Corp HD6433637SW Datasheet HTML 179Page - Renesas Technology Corp HD6433637SW Datasheet HTML 180Page - Renesas Technology Corp HD6433637SW Datasheet HTML 181Page - Renesas Technology Corp HD6433637SW Datasheet HTML 182Page - Renesas Technology Corp HD6433637SW Datasheet HTML 183Page - Renesas Technology Corp HD6433637SW Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 418 page
background image
166
Clock Output: Setting bit TMOW in port mode register 1 (PMR1) to 1 causes a clock signal to be
output at pin TMOW. Eight different clock output signals can be selected by means of bits TMA7
to TMA5 in TMA. The system clock divided by 32, 16, 8, or 4 can be output in active mode and
sleep mode. A 32.768 kHz signal divided by 32, 16, 8, or 4 can be output in active mode, sleep
mode, and subactive mode.
9.2.4
Timer A Operation States
Table 9.4 summarizes the timer A operation states.
Table 9.4
Timer A Operation States
Operation Mode
Reset
Active
Sleep
Watch
Sub-
active
Sub-
sleep
Standby
TCA Interval
Reset
Functions Functions Halted
Halted
Halted
Halted
Clock time base
Reset
Functions Functions Functions Functions Functions Halted
TMA
Reset
Functions Retained
Retained
Functions Retained
Retained
Note:
When real-time clock time-base functions are selected as the internal clock of TCA in active
mode or sleep mode, the internal clock is not synchronous with the system clock, so it is
synchronized by a synchronizing circuit. This may result in a maximum error of 1/ø (s) in the
count cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com