Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 177Page - Renesas Technology Corp HD6433637SW Datasheet HTML 178Page - Renesas Technology Corp HD6433637SW Datasheet HTML 179Page - Renesas Technology Corp HD6433637SW Datasheet HTML 180Page - Renesas Technology Corp HD6433637SW Datasheet HTML 181Page - Renesas Technology Corp HD6433637SW Datasheet HTML 182Page - Renesas Technology Corp HD6433637SW Datasheet HTML 183Page - Renesas Technology Corp HD6433637SW Datasheet HTML 184Page - Renesas Technology Corp HD6433637SW Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 418 page
background image
167
9.3
Timer F
9.3.1
Overview
Timer F is a 16-bit timer with an output compare function. Compare match signals can be used to
reset the counter, request an interrupt, or toggle the output. Timer F can also be used for external
event counting, and can operate as two independent 8-bit timers, timer FH and timer FL.
Features: Features of timer F are given below.
• Choice of four internal clock sources (ø/32, ø/16, ø/4, ø/2) or an external clock (can be used as
an external event counter).
• Output from pin TMOFH is toggled by one compare match signal (the initial value of the
toggle output can be set).
• Counter can be reset by the compare match signal.
• Two interrupt sources: counter overflow and compare match.
• Can operate as two independent 8-bit timers (timer FH and timer FL) in 8-bit mode.
Timer FH
 8-bit timer (clocked by timer FL overflow signals when timer F operates as a 16-bit timer).
 Choice of four internal clocks (ø/32, ø/16, ø/4, ø/2).
 Output from pin TMOFH is toggled by one compare match signal (the initial value of the
toggle output can be set).
 Counter can be reset by the compare match signal.
 Two interrupt sources: counter overflow and compare match.
Timer FL
 8-bit timer/event counter
 Choice of four internal clocks (ø/32, ø/16, ø/4, ø/2) or event input at pin TMIF.
 Output from pin TMOFL is toggled by one compare match signal (the initial value of the
toggle output can be set).
 Counter can be reset by the compare match signal.
 Two interrupt sources: counter overflow and compare match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com