Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 190Page - Renesas Technology Corp HD6433637SW Datasheet HTML 191Page - Renesas Technology Corp HD6433637SW Datasheet HTML 192Page - Renesas Technology Corp HD6433637SW Datasheet HTML 193Page - Renesas Technology Corp HD6433637SW Datasheet HTML 194Page - Renesas Technology Corp HD6433637SW Datasheet HTML 195Page - Renesas Technology Corp HD6433637SW Datasheet HTML 196Page - Renesas Technology Corp HD6433637SW Datasheet HTML 197Page - Renesas Technology Corp HD6433637SW Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 418 page
background image
180
TCF Count Timing: TCF is incremented by each pulse of the input clock (internal clock or
external event).
• Internal clock
The settings of bits CKSH2 to CKSH0 or bits CKSL2 to CKSL0 in TCRF select one of four
internal clock signals (ø/32, ø/16, ø/4, or ø/2) divided from the system clock (ø).
• External event
External event input is selected by clearing bit CKSL2 to 0 in TCRF. Either rising or falling
edges of the clock input can be counted. The edge is selected by bit IEG3 in IEGR. An external
clock pulse width of at least two system clock cycles (ø) is necessary; otherwise the counter
will not operate properly.
TMOFH and TMOFL Output Timing: The outputs at pins TMOFH and TMOFL are the values
set in bits TOLH and TOLL in TCRF. When a compare match occurs, the output value is inverted.
Figure 9.5 shows the output timing.
ø
TMIF
(when IEG3 = 1)
Count input
clock
TCF
OCRF
Compare match
signal
TMOFH, TMOFL
N
N + 1
N
N + 1
NN
Figure 9.5 TMOFH, TMOFL Output Timing
TCF Clear Timing: TCF can be cleared at compare match with OCRF.
Timer Overflow Flag (OVF) Set Timing: OVF is set to 1 when TCF overflows (goes from
H'FFFF to H'0000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com