Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 193Page - Renesas Technology Corp HD6433637SW Datasheet HTML 194Page - Renesas Technology Corp HD6433637SW Datasheet HTML 195Page - Renesas Technology Corp HD6433637SW Datasheet HTML 196Page - Renesas Technology Corp HD6433637SW Datasheet HTML 197Page - Renesas Technology Corp HD6433637SW Datasheet HTML 198Page - Renesas Technology Corp HD6433637SW Datasheet HTML 199Page - Renesas Technology Corp HD6433637SW Datasheet HTML 200Page - Renesas Technology Corp HD6433637SW Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 418 page
background image
183
9.4
Timer G
9.4.1
Overview
Timer G is an 8-bit timer, with input capture/interval functions for separately capturing the rising
edge and falling edge of pulses input at the input capture pin (input capture input signal). Timer G
has a built-in noise canceller circuit that can eliminate high-frequency noise from the input capture
signal, enabling accurate measurement of its duty cycle. When timer G is not used for input
capture, it functions as an 8-bit interval timer.
Features: Features of timer G are given below.
• Choice of four internal clock sources (ø/64, ø/32, ø/2, ø
W/2)
• Input capture function
Separate input capture functions are provided for the rising and falling edges.
• Counter overflow detection
Can detect whether overflow occurred when the input capture signal was high or low.
• Choice of counter clear
It is possible to select whether or not the counter is cleared at the rising edge, falling edge, or
both edges of the input capture input signal.
• Two interrupt sources
There is one input capture interrupt source and one overflow interrupt source. For input
capture, the rising or falling edge can be selected.
• Built-in noise-canceller circuit
The noise canceller circuit can eliminate high-frequency noise in the input capture signal.
• Operates in subactive and subsleep modes
When ø
W/2 is selected as the internal clock source, timer G can operate in the subactive and
subsleep modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com