Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 208Page - Renesas Technology Corp HD6433637SW Datasheet HTML 209Page - Renesas Technology Corp HD6433637SW Datasheet HTML 210Page - Renesas Technology Corp HD6433637SW Datasheet HTML 211Page - Renesas Technology Corp HD6433637SW Datasheet HTML 212Page - Renesas Technology Corp HD6433637SW Datasheet HTML 213Page - Renesas Technology Corp HD6433637SW Datasheet HTML 214Page - Renesas Technology Corp HD6433637SW Datasheet HTML 215Page - Renesas Technology Corp HD6433637SW Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 418 page
background image
198
9.4.6
Sample Timer G Application
The absolute values of the high and low widths of the input capture signal can be measured by
using timer G. The CCLR1 and CCLR0 bits of TMG should be set to 1. Figure 9.14 shows an
example of this operation.
Input capture
signal
H'FF
Input capture
register GF
Input capture
register GR
H'00
Counter cleared
TCG
Figure 9.14 Sample Timer G Application
9.5
Timer Y
9.5.1
Overview
Timer Y is a 16-bit up-counter which is incremented by an input clock. Timer Y has two
functions: an interval function and an auto-reload function.
Features: Features of timer Y are given below:
• Choice of eight clocks
The clock can be selected from seven internal clocks (ø/8192, ø/2048, ø/512, ø/256, ø/64, ø/16,
and ø/4) and an external clock (external event count capability)
• An interrupt is requested when the counter overflows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com