Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 210Page - Renesas Technology Corp HD6433637SW Datasheet HTML 211Page - Renesas Technology Corp HD6433637SW Datasheet HTML 212Page - Renesas Technology Corp HD6433637SW Datasheet HTML 213Page - Renesas Technology Corp HD6433637SW Datasheet HTML 214Page - Renesas Technology Corp HD6433637SW Datasheet HTML 215Page - Renesas Technology Corp HD6433637SW Datasheet HTML 216Page - Renesas Technology Corp HD6433637SW Datasheet HTML 217Page - Renesas Technology Corp HD6433637SW Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 418 page
background image
200
9.5.2
Register Descriptions
Timer Mode Register Y (TMY)
Bit
76543210
TMY7
————
TMY2
TMY1
TMY0
Initial value
01111000
Read/Write
R/W
————
R/W
R/W
R/W
Timer mode register Y (TMY) is an 8-bit read/write register that performs auto-reload
function selection and input clock selection.
Upon reset, TMY is initialized to H'78.
Bit 7—Auto-Reload Function Select (TMY7): Bit 7 selects whether timer Y is used as an
interval timer or an auto-reload timer.
Bit 7: TMY7
Description
0
Interval function selected
(initial value)
1
Auto-reload function selected
Bits 6 to 3—Reserved Bits: Bits 6 to 3 are reserved bits. They are always read as 1 and
cannot be modified.
Bits 2 to 0—Clock Select (TMY2 to TMY0): Bits 2 to 0 select the clock input to TCY. For
external event input, the rising or falling edge can be selected.
Bit 2: TMY2
Bit 1: TMY1
Bit 0: TMY0
Description
0
0
0
Count on internal clock: ø/8192 (initial value)
1
Count on internal clock: ø/2048
1
0
Count on internal clock: ø/512
1
Count on internal clock: ø/256
1
0
0
Count on internal clock: ø/64
1
Count on internal clock: ø/16
1
0
Count on internal clock: ø/4
1
Count on external event (TMCIY) rising/falling
edge*
Note: * External event edge selection is set with bit IEG2 in the interrupt edge select register
(IEGR). For details, see Interrupt Edge Select Register (IEGR), in 3.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com