Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 216Page - Renesas Technology Corp HD6433637SW Datasheet HTML 217Page - Renesas Technology Corp HD6433637SW Datasheet HTML 218Page - Renesas Technology Corp HD6433637SW Datasheet HTML 219Page - Renesas Technology Corp HD6433637SW Datasheet HTML 220Page - Renesas Technology Corp HD6433637SW Datasheet HTML 221Page - Renesas Technology Corp HD6433637SW Datasheet HTML 222Page - Renesas Technology Corp HD6433637SW Datasheet HTML 223Page - Renesas Technology Corp HD6433637SW Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 418 page
background image
206
9.5.5
Timer Y Operating Modes
Timer Y operating modes are shown in table 9.16.
Table 9.16
Timer Y Operating Modes
Operation Mode
Reset
Active
Sleep
Watch
Sub-
active
Sub-
sleep
Standby
TCY
Interval
Reset
Functions
Functions
Halted
Halted
Halted
Halted
Auto-
reload
Reset
Functions
Functions
Halted
Halted
Halted
Halted
TMY
Reset
Functions
Retained
Retained
Retained
Retained
Retained
9.6
Watchdog Timer
9.6.1
Overview
The watchdog timer is equipped with an 8-bit counter that is incremented by an input clock.
An internal chip reset can be executed if the counter overflows because it is not updated
normally due to a system crash, etc.
Features: Features of the watchdog timer are given below.
• Incremented by a ø/8192 internal clock
• Reset signal generated on counter overflow
An overflow period of 1 to 256 times 8192/ø can be set.
(Approx. 2 ms to 500 ms when ø = 4.19 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com