Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 220Page - Renesas Technology Corp HD6433637SW Datasheet HTML 221Page - Renesas Technology Corp HD6433637SW Datasheet HTML 222Page - Renesas Technology Corp HD6433637SW Datasheet HTML 223Page - Renesas Technology Corp HD6433637SW Datasheet HTML 224Page - Renesas Technology Corp HD6433637SW Datasheet HTML 225Page - Renesas Technology Corp HD6433637SW Datasheet HTML 226Page - Renesas Technology Corp HD6433637SW Datasheet HTML 227Page - Renesas Technology Corp HD6433637SW Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 418 page
background image
210
Bit 0—Watchdog Timer Reset (WRST): Bit 0 indicates that TCW has overflowed and an
internal reset signal has been generated. The internal reset signal generated by the overflow
resets the entire chip.
WRST is cleared by a reset via the
RES pin or by a 0 write by software.
Bit 0: WRST
Description
0
[Clearing conditions]
(initial value)
• Reset by RES pin
• When 0 is written to WRST while writing 0 to B0WI when TCSRWE is set
to 1
1
[Setting condition]
When TCW overflows and an internal reset signal is generated
Timer Counter W (TCW)
Bit
76543210
TCW7
TCW6
TCW5
TCW4
TCW3
TCW2
TCW1
TCW0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Timer counter W (TCW) is an 8-bit read/write up-counter that is incremented by an input
internal clock. The input clock is ø/8192. The TCW value can be read or written by the CPU
at any time.
When TCW overflows (from H'FF to H'00), an internal reset signal is generated and WRST in
TCSRW is set to 1. Upon reset, TCW is initialized to H'00.
9.6.3
Operation
The watchdog timer is provided with an 8-bit timer that increments with each input clock
(ø/8192). If 1 is written to WDON while writing 0 to B2WI when TCSRWE in TCSRW is set
to 1, TCW begins counting up. When a clock pulse is input after the TCW count value has
reached H'FF, the watchdog timer overflows and an internal reset signal is generated. The
internal reset signal is output for a period of 512 ø
osc clock cycles. TCW is a writable counter,
and when a value is set in TCW, the count-up starts from that value. An overflow period in
the range of 1 to 256 input clock cycles can therefore be set, according to the TCW value.
Figure 9.19 shows an example of watchdog timer operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com