Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 230Page - Renesas Technology Corp HD6433637SW Datasheet HTML 231Page - Renesas Technology Corp HD6433637SW Datasheet HTML 232Page - Renesas Technology Corp HD6433637SW Datasheet HTML 233Page - Renesas Technology Corp HD6433637SW Datasheet HTML 234Page - Renesas Technology Corp HD6433637SW Datasheet HTML 235Page - Renesas Technology Corp HD6433637SW Datasheet HTML 236Page - Renesas Technology Corp HD6433637SW Datasheet HTML 237Page - Renesas Technology Corp HD6433637SW Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 418 page
background image
220
5. After data transmission is complete, bit IRRS1 in interrupt request register 1 (IRR1) is
set to 1.
When an internal clock is used, a serial clock is output from pin SCK
1 in synchronization with the
transmit data. After data transmission is complete, the serial clock is not output until the next time
the start flag is set to 1. During this time, pin SO
1 continues to output the value of the last bit
transmitted.
When an external clock is used, data is transmitted in synchronization with the serial clock input at
pin SCK
1. After data transmission is complete, an overrun occurs if the serial clock continues to be
input; no data is transmitted and the SCSR1 overrun error flag (bit ORER) is set to 1.
While transmission is stopped, the output value of pin SO
1 can be changed by rewriting bit SOL in
SCSR1.
Receiving: A receive operation is carried out as follows.
1. Set bits SI1 and SCK1 in PMR2 to 1, selecting the SI
1 and SCK1 pin functions.
2. Clear bit SNC1 in SCR1 to 0, and set bit SNC0 to 1 or 0, designating 8- or 16-bit synchronous
transfer mode. Select the serial clock in bits CKS3 to CKS0. Writing data to SCR1 initializes
the internal state of SCI1.
3. Set the SCSR1 start flag (STF) to 1. SCI1 starts operating and receives data at pin SI
1.
4. After data reception is complete, bit IRRS1 in interrupt request register 1 (IRR1) is set to 1.
5. Read the received data from SDRL and SDRU, as follows.
8-bit transfer mode:
SDRL
16-bit transfer mode: Upper byte in SDRU, lower byte in SDRL
6. After data reception is complete, an overrun occurs if the serial clock continues to be input; no
data is received and the SCSR1 overrun error flag (bit ORER) is set to 1.
Simultaneous Transmit/Receive: A simultaneous transmit/receive operation is carried out as
follows.
1. Set bits SO1, SI1, and SCK1 in PMR2 to 1, selecting the SO
1, SI1, and SCK1 pin functions. If
necessary, set bit POF1 in PMR2 for NMOS open drain output at pin SO
1.
2. Clear bit SNC1 in SCR1 to 0, and set bit SNC0 to 1 or 0, designating 8- or 16-bit synchronous
transfer mode. Select the serial clock in bits CKS3 to CKS0. Writing data to SCR1 initializes
the internal state of SCI1.
3. Write transmit data in SDRL and SDRU, as follows.
8-bit transfer mode:
SDRL
16-bit transfer mode: Upper byte in SDRU, lower byte in SDRL
4. Set the SCSR1 start flag (STF) to 1. SCI1 starts operating. Transmit data is output at pin SO
1.
Receive data is input at pin SI
1.
5. After data transmission and reception are complete, bit IRRS1 in IRR1 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com