Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 234Page - Renesas Technology Corp HD6433637SW Datasheet HTML 235Page - Renesas Technology Corp HD6433637SW Datasheet HTML 236Page - Renesas Technology Corp HD6433637SW Datasheet HTML 237Page - Renesas Technology Corp HD6433637SW Datasheet HTML 238Page - Renesas Technology Corp HD6433637SW Datasheet HTML 239Page - Renesas Technology Corp HD6433637SW Datasheet HTML 240Page - Renesas Technology Corp HD6433637SW Datasheet HTML 241Page - Renesas Technology Corp HD6433637SW Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 418 page
background image
224
Pin Configuration: Table 10.4 shows the SCI3 pin configuration.
Table 10.4
Pin Configuration
Name
Abbrev.
I/O
Function
SCI3 clock
SCK
3
I/O
SCI3 clock input/output
SCI3 receive data input
RXD
Input
SCI3 receive data input
SCI3 transmit data output
TXD
Output
SCI3 transmit data output
Register Configuration: Table 10.5 shows the SCI3 internal register configuration.
Table 10.5
SCI3 Registers
Name
Abbrev.
R/W
Initial Value
Address
Serial mode register
SMR
R/W
H'00
H'FFA8
Bit rate register
BRR
R/W
H'FF
H'FFA9
Serial control register 3
SCR3
R/W
H'00
H'FFAA
Transmit data register
TDR
R/W
H'FF
H'FFAB
Serial status register
SSR
R/W
H'84
H'FFAC
Receive data register
RDR
R
H'00
H'FFAD
Transmit shift register
TSR
Not possible
—
—
Receive shift register
RSR
Not possible
—
—
Bit rate counter
BRC
Not possible
—
—
10.3.2
Register Descriptions
Receive Shift Register (RSR)
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Read/Write
The receive shift register (RSR) is for receiving serial data.
Serial data is input in LSB-first order into RSR from pin RXD, converting it to parallel data. After
each byte of data has been received, the byte is automatically transferred to the receive data
register (RDR).
RSR cannot be read or written directly by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com