Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 245Page - Renesas Technology Corp HD6433637SW Datasheet HTML 246Page - Renesas Technology Corp HD6433637SW Datasheet HTML 247Page - Renesas Technology Corp HD6433637SW Datasheet HTML 248Page - Renesas Technology Corp HD6433637SW Datasheet HTML 249Page - Renesas Technology Corp HD6433637SW Datasheet HTML 250Page - Renesas Technology Corp HD6433637SW Datasheet HTML 251Page - Renesas Technology Corp HD6433637SW Datasheet HTML 252Page - Renesas Technology Corp HD6433637SW Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 418 page
background image
235
Bit 2—Transmit End (TEND): Bit 2 is a status flag indicating that TDRE was set to 1 when the
last bit of a transmitted character was sent. TEND is a read-only bit and cannot be modified.
Bit 2: TEND
Description
0
Indicates that transmission is in progress
[Clearing conditions]
• After reading TDRE = 1, cleared by writing 0 to TDRE.
• When data is written to TDR by an instruction.
1
Indicates that a transmission has ended
(initial value)
[Setting conditions]
• When bit TE in SCR3 is cleared to 0.
• If TDRE is set to 1 when the last bit of a transmitted character is sent.
Bit 1—Multiprocessor Bit Receive (MPBR): Bit 1 holds the multiprocessor bit in data received
in asynchronous mode using a multiprocessor format. MPBR is a read-only bit and cannot be
modified.
Bit 1: MPBR
Description
0
Indicates reception of data in which the multiprocessor bit is 0* (initial value)
1
Indicates reception of data in which the multiprocessor bit is 1
Note: * If bit RE in SCR3 is cleared to 0 while a multiprocessor format is in use, MPBR retains its
previous state.
Bit 0—Multiprocessor Bit Transmit (MPBT): Bit 0 holds the multiprocessor bit to be added to
transmitted data when a multiprocessor format is used in asynchronous mode. Bit MPBT is
ignored when synchronous mode is chosen, when the multiprocessor communication function is
disabled, or when data transmission is disabled.
Bit 0: MPBT
Description
0
The multiprocessor bit in transmit data is 0
(initial value)
1
The multiprocessor bit in transmit data is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com