Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 248Page - Renesas Technology Corp HD6433637SW Datasheet HTML 249Page - Renesas Technology Corp HD6433637SW Datasheet HTML 250Page - Renesas Technology Corp HD6433637SW Datasheet HTML 251Page - Renesas Technology Corp HD6433637SW Datasheet HTML 252Page - Renesas Technology Corp HD6433637SW Datasheet HTML 253Page - Renesas Technology Corp HD6433637SW Datasheet HTML 254Page - Renesas Technology Corp HD6433637SW Datasheet HTML 255Page - Renesas Technology Corp HD6433637SW Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 418 page
background image
238
Table 10.6
BRR Settings and Bit Rates in Asynchronous Mode (cont)
OSC (MHz)
9.8304
10
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
110
2
86
+0.31
2
88
–0.25
150
1
255
0
2
64
+0.16
300
1
127
0
1
129
+0.16
600
0
255
0
1
64
+0.16
1200
0
127
0
0
129
+0.16
2400
0
63
0
0
64
+0.16
4800
0
31
0
0
32
–1.36
9600
0
15
0
0
15
+1.73
19200
0
7
0
0
7
+1.73
31250
0
4
–1.70
0
4
0
38400
0
3
0
0
3
+1.73
Notes: 1. Settings should be made so that error is within 1%.
2. BRR setting values are derived by the following equation.
N =
× 106 – 1
OSC
64
× 22n × B
B:
Bit rate (bits/s)
N:
BRR baud rate generator setting (0
≤ N ≤ 255)
OSC: Value of ø
OSC (MHz)
n:
Baud rate generator input clock number (n = 0, 1, 2, 3)
The meaning of n is shown in table 10.7.
Table 10.7
Relation between n and Clock
SMR Setting
n
Clock
CKS1
CKS0
0ø
0
0
1
ø/4
0
1
2
ø16
1
0
3
ø/64
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com