Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 251Page - Renesas Technology Corp HD6433637SW Datasheet HTML 252Page - Renesas Technology Corp HD6433637SW Datasheet HTML 253Page - Renesas Technology Corp HD6433637SW Datasheet HTML 254Page - Renesas Technology Corp HD6433637SW Datasheet HTML 255Page - Renesas Technology Corp HD6433637SW Datasheet HTML 256Page - Renesas Technology Corp HD6433637SW Datasheet HTML 257Page - Renesas Technology Corp HD6433637SW Datasheet HTML 258Page - Renesas Technology Corp HD6433637SW Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 418 page
background image
241
Table 10.10 Relation between n and Clock
SMR Setting
n
Clock
CKS1
CKS0
0ø
0
0
1
ø/4
0
1
2
ø16
1
0
3
ø/64
1
1
10.3.3
Operation
SCI3 supports serial data communication in both asynchronous mode, where each character
transferred is synchronized separately, and synchronous mode, where transfer is synchronized by
clock pulses.
The choice of asynchronous mode or synchronous mode, and the communication format, is made
in the serial mode register (SMR), as shown in table 10.11. The SCI3 clock source is determined
by bit COM in SMR and bits CKE1 and CKE0 in serial control register 3 (SCR3), as shown in
table 10.12.
Asynchronous Mode:
• Data length: choice of 7 bits or 8 bits
• Choice for the addition of a parity bit, the multiprocessor bit as well as one or two stop bits
(these options determine the transmit/receive format and the character length).
• Framing error (FER), parity error (PER), overrun error (OER), and break signal can be
detected when data is received.
• Clock source: Choice of internal clocks or an external clock
 When an internal clock is selected: Operates on baud rate generator clock. A clock can be
output with the same frequency as the bit rate.
 When an external clock is selected: A clock input with a frequency 16 times the bit rate is
required (internal baud rate generator is not used).
Synchronous Mode:
• Transfer format: 8 bits
• Overrun errors can be detected when data is received.
• Clock source: Choice of internal clocks or an external clock
 When an internal clock is selected: Operates on baud rate generator clock, and outputs a
serial clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com