Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 254Page - Renesas Technology Corp HD6433637SW Datasheet HTML 255Page - Renesas Technology Corp HD6433637SW Datasheet HTML 256Page - Renesas Technology Corp HD6433637SW Datasheet HTML 257Page - Renesas Technology Corp HD6433637SW Datasheet HTML 258Page - Renesas Technology Corp HD6433637SW Datasheet HTML 259Page - Renesas Technology Corp HD6433637SW Datasheet HTML 260Page - Renesas Technology Corp HD6433637SW Datasheet HTML 261Page - Renesas Technology Corp HD6433637SW Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 418 page
background image
244
Continuous Transmit/Receive Operation Using Interrupts: Continuous transmit and receive
operations are possible with SCI3, using the RXI or TXI interrupts. Table 10.13 explains this use
of these interrupts.
Table 10.13 Transmit/Receive Interrupts
Interrupt
Flag
Interrupt Conditions
Remarks
RXI
RDRF
RIE
When serial data is received normally
and receive data is transferred from
RSR to RDR, RDRF is set to 1. If RIE
is 1 at this time, RXI is enabled and
an interrupt occurs. (See figure 10.4
(a).)
The RXI interrupt handling routine
reads the receive data from RDR
and clears RDRF to 0.
Continuous data reception is
possible by performing these
operations before the reception of
the next serial data in RSR is
completed.
TXI
TDRE
TIE
When TSR empty (previous
transmission complete) is detected
and the transmit data set in TDR is
transferred to TSR, TDRE is set to 1.
If TIE is 1 at this time, TXI is enabled
and an interrupt occurs. (See figure
10.4 (b).)
The TXI interrupt handling routine
writes the next transmit data to
TDR and clears TDRE to 0.
Continuous data transmission is
possible by performing these
operations before the
transmission of data transferred
to TSR is completed.
TEI
TEND
TEIE
When the last bit of the TSR transmit
character has been sent, if TDRE is 1,
then 1 is set in TEND. If TEIE is 1 at
this time, TEI is enabled and an
interrupt occurs. (See figure 10.4 (c).)
TEI indicates that, when the last
bit of the TSR transmit character
was sent, the next transmit data
had not been written to TDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com