Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 266Page - Renesas Technology Corp HD6433637SW Datasheet HTML 267Page - Renesas Technology Corp HD6433637SW Datasheet HTML 268Page - Renesas Technology Corp HD6433637SW Datasheet HTML 269Page - Renesas Technology Corp HD6433637SW Datasheet HTML 270Page - Renesas Technology Corp HD6433637SW Datasheet HTML 271Page - Renesas Technology Corp HD6433637SW Datasheet HTML 272Page - Renesas Technology Corp HD6433637SW Datasheet HTML 273Page - Renesas Technology Corp HD6433637SW Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 418 page
background image
256
Note:
When modifying the operation mode, transfer format or other settings, always be sure to
clear bits TE and RE first. When TE is cleared to 0, bit TDRE will be set to 1. Clearing
RE does not clear the status flags RDRF, PER, FER, or OER, or alter the contents of the
receive data register (RDR).
When an external clock is used in synchronous mode, do not supply the clock during
initialization.
Figure 10.13 shows a typical flow chart for SCI3 initialization.
Start
Clear TE and RE to 0 in SCR3
Select communication format in SMR
Set BRR value
Has a 1-bit
interval elapsed?
Set bits RIE, TIE, TEIE, and MPIE
in SCR3, and set TE or RE to 1
2
3
4
2.
3.
4.
1.
Set the transmit/receive format in the serial
mode register (SMR).
Write the value corresponding to the desired
bit rate to the bit rate register (BRR). Note that
this setting is not required when using an
external clock.
Wait for at least a 1-bit interval, then set
bits RIE, TIE, TEIE, and MPIE, and set bit
TE or RE in SCR3 to 1. Setting TE or RE
Note:
In simultaneous transmit/receive operations, the TE and RE bits should both be cleared to 0
or set to 1 simultaneously.
No
Yes
Wait
End
enables SCI3 to use the TXD or RXD pin.
The initial states in asynchronous mode
are the mark transmit state and the idle
receive state (waiting for a start bit).
1
Set bits CKE1 and CKE0
Select the clock using serial control
register 3(SCR3). Be sure to set 0 for other
unused bits.
When the clock output is selected in the
asynchronous mode, a clock signal is
output immediately after setting bits CKE1
and CKE0 appropriately. When the clock
output is selected in the synchronous
mode, a clock signal is output immediately
after setting bits CKE1 and CKE0
appropriately and setting bit RE to 1.
Figure 10.13 Typical Flow Chart when SCI3 Is Initialized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com