Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 269Page - Renesas Technology Corp HD6433637SW Datasheet HTML 270Page - Renesas Technology Corp HD6433637SW Datasheet HTML 271Page - Renesas Technology Corp HD6433637SW Datasheet HTML 272Page - Renesas Technology Corp HD6433637SW Datasheet HTML 273Page - Renesas Technology Corp HD6433637SW Datasheet HTML 274Page - Renesas Technology Corp HD6433637SW Datasheet HTML 275Page - Renesas Technology Corp HD6433637SW Datasheet HTML 276Page - Renesas Technology Corp HD6433637SW Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 418 page
background image
259
Receiving: Figure 10.16 shows a typical flow chart for receiving data. After SCI3 initialization,
follow the procedure below.
Start
Read bit OER in SSR
Read bit RDRF in SSR
Read received data in RDR
OER = 1?
Continue
receiving?
Clear bit RE in SCR3 to 0
End
Clear bit OER in
SSR to 0
1
3
4
4
2.
3.
4.
Read the serial status register (SSR), and after
confirming that bit RDRF = 1, read received
data from the receive data register (RDR).
When data is read from RDR, RDRF is
automatically cleared to 0.
1. Read bit OER in the serial status register (SSR)
to determine if an error has occurred. If an
overrun error has occurred, overrun error
processing is executed.
To continue receiving data, read bit RDRF and
read the received data in RDR before the MSB
(bit 7) of the present frame is received.
When data is read from RDR, RDRF is
automatically cleared to 0.
When an overrun error occurs, read bit OER in
SSR. After the necessary error processing,
be sure to clear OER to 0.
Data receiving cannot be resumed while bit
OER is set to 1.
Yes
Yes
No
No
RDRF = 1?
No
Yes
Overrun error
processing
Start overrun
processing
End overrun
error processing
Overrun error processing
2
Figure 10.16 Typical Data Receiving Flow Chart in Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com