Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 288Page - Renesas Technology Corp HD6433637SW Datasheet HTML 289Page - Renesas Technology Corp HD6433637SW Datasheet HTML 290Page - Renesas Technology Corp HD6433637SW Datasheet HTML 291Page - Renesas Technology Corp HD6433637SW Datasheet HTML 292Page - Renesas Technology Corp HD6433637SW Datasheet HTML 293Page - Renesas Technology Corp HD6433637SW Datasheet HTML 294Page - Renesas Technology Corp HD6433637SW Datasheet HTML 295Page - Renesas Technology Corp HD6433637SW Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 418 page
background image
278
Bits 3 and 2—DTMF Column Signal Output Frequency 1 and 0 (CLF1, CLF0): Bits 3 and 2
select the DTMF column signal frequency (C1 to C4).
Bit 3: CLF1
Bit 2: CLF0
Description
0
0
DTMF column signal output frequency: 1209 Hz (C1)
(initial value)
1
DTMF column signal output frequency: 1336 Hz (C2)
1
0
DTMF column signal output frequency: 1447 Hz (C3)
1
DTMF column signal output frequency: 1633 Hz (C4)
Bits 1 and 0—DTMF Row Signal Output Frequency 1 and 0 (RWF1, RWF0): Bits 1 and 0
select the DTMF row signal frequency (R1 to R4).
Bit 1: RWF1
Bit 0: RWF0
Description
0
0
DTMF row signal output frequency: 697 Hz (R1)
(initial value)
1
DTMF row signal output frequency: 770 Hz (R2)
1
0
DTMF row signal output frequency: 852 Hz (R3)
1
DTMF row signal output frequency: 941 Hz (R4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com