Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 289Page - Renesas Technology Corp HD6433637SW Datasheet HTML 290Page - Renesas Technology Corp HD6433637SW Datasheet HTML 291Page - Renesas Technology Corp HD6433637SW Datasheet HTML 292Page - Renesas Technology Corp HD6433637SW Datasheet HTML 293Page - Renesas Technology Corp HD6433637SW Datasheet HTML 294Page - Renesas Technology Corp HD6433637SW Datasheet HTML 295Page - Renesas Technology Corp HD6433637SW Datasheet HTML 296Page - Renesas Technology Corp HD6433637SW Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 418 page
background image
279
11.2.2
DTMF Load Register (DTLR)
Bit
76543210
—
—
—
DTL4
DTL3
DTL2
DTL1
DTL0
Initial value
11100000
Read/Write
—
—
—
R/W
R/W
R/W
R/W
R/W
DTLR is an 8-bit read/write register that specifies the ratio by which the clock frequency at the
OSC pins is divided for input to the DTMF generator.
Upon reset, DTLR is initialized to H'E0.
Bits 7 to 5—Reserved Bits: Bits 7 to 5 are reserved: they are always read as 1, and cannot be
modified.
Bits 4 to 0—OSC Clock Division Ratio 4 to 0 (DTL4 to DTL0): Bits 4 to 0 specify a division
ratio of the OSC clock frequency which will generate a 400-kHz clock for input to the DTMF
generator. The ratio is set as a counter value from 3 to 25, corresponding to OSC clock frequencies
of 1.2 to 10 MHz (in 400-kHz steps).
Description
Bit 4:
DTL4
Bit 3:
DTL3
Bit 2:
DTL2
Bit 1:
DTL1
Bit 0:
DTL0
Division Ratio
OSC Clock
Frequency
00000
Illegal setting
(initial value)
1
Illegal setting
1
0
Illegal setting
1
3
1.2 MHz
1004
1.6 MHz
::::::
:
1100125
10 MHz
1
*
Illegal setting
1
**
Illegal setting
Note: * Don’t care
These bits must be set to the correct value. Normal DTMF signal output frequencies will not be
obtained if these bits are set to a value not matching the clock input at the OSC pins. Operation is
not guaranteed if these bits are set to a value other than 3 to 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com