Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 130Page - Renesas Technology Corp 7641 Datasheet HTML 131Page - Renesas Technology Corp 7641 Datasheet HTML 132Page - Renesas Technology Corp 7641 Datasheet HTML 133Page - Renesas Technology Corp 7641 Datasheet HTML 134Page - Renesas Technology Corp 7641 Datasheet HTML 135Page - Renesas Technology Corp 7641 Datasheet HTML 136Page - Renesas Technology Corp 7641 Datasheet HTML 137Page - Renesas Technology Corp 7641 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 3 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.1 I/O port
2.1.2 Related registers
Fig. 2.1.2 Structure of Port Pi register
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi (i = 0, 1, 2, 3, 5, 6, 8)
(Pi : addresses 0816, 0A16, 0C16, 0E16, 1616, 1416, 1C16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Port Pi1
Port Pi3
Port Pi4
Port Pi2
5
0
Port Pi5
6
7
0
Port Pi6
Port Pi7
0
Port Pi0
3
qIn output mode
Write •••••••• Port latch
Read •••••••• Port latch
qIn input mode
Write •••••••• Port latch
Read •••••••• Value of pin
Port P4, Port P7
b7 b6 b5 b4 b3 b2 b1 b0
Port P4, Port P7
(P4, P7 : addresses 1816, 1A16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Port P41 or Port P71
Port P43 or Port P73
Port P44 or Port P74
Port P42 or Port P72
5
Undefined
Undefined
6
7
Port P40 or Port P70
Nothing is arranged for these bits. These are write disable bits. When
these bits are read out, the contents are undefined.
3
qIn output mode
Write •••••••• Port latch
Read •••••••• Port latch
qIn input mode
Write •••••••• Port latch
Read •••••••• Value of pin
Undefined
✕
✕
✕
✕
✕
✕
Fig. 2.1.3 Structure of Port P4, Port P7 registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com