Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 140Page - Renesas Technology Corp 7641 Datasheet HTML 141Page - Renesas Technology Corp 7641 Datasheet HTML 142Page - Renesas Technology Corp 7641 Datasheet HTML 143Page - Renesas Technology Corp 7641 Datasheet HTML 144Page - Renesas Technology Corp 7641 Datasheet HTML 145Page - Renesas Technology Corp 7641 Datasheet HTML 146Page - Renesas Technology Corp 7641 Datasheet HTML 147Page - Renesas Technology Corp 7641 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 13 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.3 Structure of Timer 123 mode register
Fig. 2.2.2 Structure of Timer i (i=1, 2, 3)
2.2.2 Related registers
(1) 8-bit timer
Timer i (i = 1 to 3)
b7 b6 b5 b4 b3 b2 b1 b0
Timer 1, Timer 2, Timer 3
(T1, T2, T3: addresses 2416, 2516, 2616)
b
0
(Note)
Functions
At reset R W
1
2
3
4
5
6
7
qTimer i’s count value is set through this register.
qTimer 1 and Timer 2
Writing operation depends on the timers 1, 2 write control bit.
When it is “0”, the values are simultaneously written into their
latches and counters.
When it is “1”, the values are written into only their latches.
qTimer 3
The values are simultaneously written into their latches and
counters.
qWhen reading this register’s address, its timer’s count values are
read out.
qThe timer causes an underflow at the count pulse following the
count where the timer contents reaches “0016”. Then The contents
of latches are automatically reloaded into the timer.
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
Note: Timer 1 and Timer 3’s values are “FF16”. Timer 2 ’s value are “0116”.
Timer 123 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 123 mode register
(T123M : address 2916)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Timer 1 count stop bit
Timer 2 count source
select bit
Timer 3 count source
select bit
Timer 1 count source
select bit
0 : Timer 1 output
1 : Timer 2 output
0 : Count start
1 : Count stop
0 :
φ / 8
1 : f(XCIN) / 2
0 : Timer 1 output
1 :
φ
0 : Timer 1 output
1 :
φ / 8
5
0
TOUT output active edge
switch bit
0 : Start at “H” output
1 : Start at “L” output
6
7
0
TOUT output control bit
Timers 1, 2 write control bit
0 : TOUT output disabled
1 : TOUT output enabled
0 : Write value in latch and counter
1 : Write value in latch only
0
TOUT factor select bit
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com