Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 141Page - Renesas Technology Corp 7641 Datasheet HTML 142Page - Renesas Technology Corp 7641 Datasheet HTML 143Page - Renesas Technology Corp 7641 Datasheet HTML 144Page - Renesas Technology Corp 7641 Datasheet HTML 145Page - Renesas Technology Corp 7641 Datasheet HTML 146Page - Renesas Technology Corp 7641 Datasheet HTML 147Page - Renesas Technology Corp 7641 Datasheet HTML 148Page - Renesas Technology Corp 7641 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 14 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.4 Structure of Timer X (low-order, high-order)
(2) 16-bit timer
Timer X (low, high)
b7 b6 b5 b4 b3 b2 b1 b0
Timer XL, Timer XH
(TXL, TXH: addresses 2016, 2116)
b
0
1
Functions
At reset R W
1
2
3
4
5
6
7
qTimer X’s count value is set through this register.
qWriting operation depends on the timer X write control bit.
When it is “0”, the values are simultaneously written into timer X
latch and counter.
When it is “1”, the values are written into only timer X latch.
qTimer X is a down-count timer.
qWhen reading this register’s address, the timer X’s count value is
read out.
1
1
1
1
1
1
1
Notes 1: Read and write operation to timer X must be performed for both high and low-order bytes.
2: When reading timer X, read the high-order byte first and then the low-order byte.
3: When writing to timer X, write the low-order byte first and then the high-order byte.
4: Do not read this register during the write operation, or do not write during the read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com