Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 145Page - Renesas Technology Corp 7641 Datasheet HTML 146Page - Renesas Technology Corp 7641 Datasheet HTML 147Page - Renesas Technology Corp 7641 Datasheet HTML 148Page - Renesas Technology Corp 7641 Datasheet HTML 149Page - Renesas Technology Corp 7641 Datasheet HTML 150Page - Renesas Technology Corp 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp 7641 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 18 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.8 Structure of Interrupt request register B
(3) 8-bit timer, 16-bit timer
Interrupt request register B
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register B
(IREQB : address 0316)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
UART1 summing error
interrupt request bit
UART2 summing error
interrupt request bit
Timer X interrupt request
bit
Timer 1 interrupt request
bit
UART2 transmit interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
UART2 receive buffer full
interrupt request bit
Timer Y interrupt request
bit
Timer 2 interrupt request
bit
0
✽
✽
✽
✽
✽
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
Interrupt request register C
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register C
(IREQC : address 0416)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 3 interrupt request
bit
Serial I/O interrupt request
bit
Input buffer full interrupt
request bit
Key input interrupt request
bit
CNTR1 interrupt request
bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
CNTR0 interrupt request
bit
Output buffer empty
interrupt request bit
0
✽
✽
✽
✽
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
0
Fix this bit to “0”.
Fig. 2.2.9 Structure of Interrupt request register C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com