Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 147Page - Renesas Technology Corp 7641 Datasheet HTML 148Page - Renesas Technology Corp 7641 Datasheet HTML 149Page - Renesas Technology Corp 7641 Datasheet HTML 150Page - Renesas Technology Corp 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp 7641 Datasheet HTML 153Page - Renesas Technology Corp 7641 Datasheet HTML 154Page - Renesas Technology Corp 7641 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 20 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
2.2.3 Timer application examples
(1) Basic functions and uses
[Function 1] Control of event interval (Timer 1 to Timer 3, Timer X and Y: Timer mode)
When a certain time, by setting a count value to each timer, has passed, the timer interrupt request occurs.
<Use>
•Generating of an output signal timing
•Generating of a wait time
[Function 2] Control of cyclic operation (Timer 1 to Timer 3, Timer X and Y: Timer mode)
The value of the timer latch is automatically written to the corresponding timer each time the timer
underflows, and each timer interrupt request occurs in cycles.
<Use>
•Generating of cyclic interrupts
•Clock function (measurement of 1 s); see “(2) Timer application example 1”
•Control of a main routine cycle
[Function 3] Output of rectangular waveform
(Timer 1, Timer 2, Timer X: Pulse output mode; Timer Y: TYOUT output)
The output levels of the TOUT, CNTR0 and CNTR1 pins are inverted each time the timer underflows.
<Use>
•Piezoelectric buzzer output; see “(3) Timer application example 2”
•Generating of the remote control carrier waveforms
[Function 4] Count of external pulses (Timer X, Timer Y: Event counter mode)
External pulses input to the CNTR0 pin and CNTR1 pin are respectively counted as the timer count
source (in the event counter mode).
<Use>
•Frequency measurement; see “(4) Timer application example 3”
•Division of external pulses
•Generating of interrupts due to a cycle using external pulses as the count source; count of a reel pulse
[Function 5] Measurement of external pulse width 1 (Timer X: Pulse width measurement mode)
The “H” or “L” level width of external pulses input to CNTR0 pin is measured.
<Use>
•Measurement of external pulse frequency (measurement of pulse width of FG pulse✽ for a motor);
see “(5) Timer application example 4”
•Measurement of external pulse duty (when the frequency is fixed)
FG pulse✽: Pulse used for detecting the motor speed to control the motor speed.
[Function 6] Measurement of external pulse width 2 (Timer Y: Period measurement mode)
The external pulse width input to CNTR1 pin is measured.
<Use>
•Measurement of phase control signal; see “(6) Timer application example 5”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com