Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 144Page - Renesas Technology Corp 7641 Datasheet HTML 145Page - Renesas Technology Corp 7641 Datasheet HTML 146Page - Renesas Technology Corp 7641 Datasheet HTML 147Page - Renesas Technology Corp 7641 Datasheet HTML 148Page - Renesas Technology Corp 7641 Datasheet HTML 149Page - Renesas Technology Corp 7641 Datasheet HTML 150Page - Renesas Technology Corp 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 17 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.7 Structure of Timer Y mode register
Timer Y mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer Y mode register
(TYM : address 2816)
b
0
2
Name
0
Functions
At reset R W
0
0
0
0
0
Timer Y count source
select bits
CNTR1 active edge switch
bit
Timer Y count stop bit
Timer Y output control bit
0 : Write value in latch and counter
1 : Write value in latch only
b3b2
0 0 :
φ / 8
0 1 :
φ / 16
1 0 :
φ / 32
1 1 :
φ / 64
0 : TYOUT output disabled
1 : TYOUT output enabled
This function depends on the timer Y
operating mode. (See below.)
0 : Count start
1 : Count stop
0
Timer Y operating mode
bits
6
7
0
Timer Y write control bit
3
b5b4
0 0 : Timer mode
0 1 : Period measurement mode
1 0 : Event counter mode
1 1 : Pulse width HL continuously
measurement mode
4
5
Timer Y operating mode
CNTR1 active edge switch bit
Period measurement mode 0 : Measures between falling edges
1 : Measures between rising edges
Event counter mode
0 : Counts at rising edge
1 : Counts at falling edge
TYOUT output
0 : Starts at “H” output
1 : Starts at “L” output
Interrupt
0 : Falling edge active
1 : Rising edge active
Function of CNTR1 active edge switch bit
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com