Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 150Page - Renesas Technology Corp 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp 7641 Datasheet HTML 153Page - Renesas Technology Corp 7641 Datasheet HTML 154Page - Renesas Technology Corp 7641 Datasheet HTML 155Page - Renesas Technology Corp 7641 Datasheet HTML 156Page - Renesas Technology Corp 7641 Datasheet HTML 157Page - Renesas Technology Corp 7641 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 23 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.14 Control procedure
RESET
SEI
CPMA
T123M
T1
T2
T123M
CLI
10111XXX2
00XX011X2
T2
IREQB
6316
0
1
0
(address 2516)
(address 0316), bit7
(address 0016)
(address 2916)
(address 0316)
(address 0616)
(address 2916), bit1
0
N
Y
Clock is stopped ?
IREQB (address 0316), bit7 ?
0
Initialization
•All interrupts disabled
•Timer count start
•Interrupts enabled
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Connection of Timers 1 and 2
•Setting of Interrupt request bits of Timers 1 and 2 to “0”
•Timer 1 interrupt enabled, Timer 2 interrupt disabled
•Setting “Division ratio – 1” to Timers 1 and 2
IREQB (address 0316), bit7
✽
Clock count up
Second to Year
Main processing
•Judgment whether time is not set or time is being set
•Confirmation that 1 s has passed
(Check of Timer 2 interrupt request bit)
•Interrupt request bit cleared
(Clear it by software when not using the interrupt.)
•Clock count up
•Adjust the main processing so that all processing in the loop ✽ will
be processed within 1 s interval.
•Set Timers again when starting clock from 0 s after end of
clcok setting.
•Do not set Timer 1 again because Timer 1 is used to
generate the interrupt at 10 ms intervals.
Note : Perform procedure for end of clock setting only when end of
clock setting.
<Procedure for end of clock setting> (Note)
IREQB
ICONB
(address 2416)
(address 2516)
9F16
6316
00XXXXXX2
01XXXXXX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com