Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 154Page - Renesas Technology Corp 7641 Datasheet HTML 155Page - Renesas Technology Corp 7641 Datasheet HTML 156Page - Renesas Technology Corp 7641 Datasheet HTML 157Page - Renesas Technology Corp 7641 Datasheet HTML 158Page - Renesas Technology Corp 7641 Datasheet HTML 159Page - Renesas Technology Corp 7641 Datasheet HTML 160Page - Renesas Technology Corp 7641 Datasheet HTML 161Page - Renesas Technology Corp 7641 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 27 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
(4) Timer application example 3: Frequency measurement
Outline: The pulse frequency input to P44/CNTR1 pin is measured by measuring the event number
within a fixed term.
Specifications: •The pulse is input to the P44/CNTR1 pin and counted by the timer Y.
•A count value of timer Y is read out at 1 ms intervals, which is the timer 2 interrupt
interval. As the result, the frequency can be calculated.
(This example is in f(XIN) = 24 MHz and
φ = f(XIN)/4.)
•The input event number must be “FFFF16” within 1 ms.
Figure 2.2.19 shows how to measure the frequency; Figure 2.2.20 shows the related registers setting;
Figure 2.2.21 shows the control procedure.
Fig. 2.2.19 How to measure frequency
kHz
Timer 2 interrupt
request bit
Input pulse
X times
Start of timer Y
count
Stop of timer Y
count
Note: Frequency =
X times
1 ms
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com