Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 157Page - Renesas Technology Corp 7641 Datasheet HTML 158Page - Renesas Technology Corp 7641 Datasheet HTML 159Page - Renesas Technology Corp 7641 Datasheet HTML 160Page - Renesas Technology Corp 7641 Datasheet HTML 161Page - Renesas Technology Corp 7641 Datasheet HTML 162Page - Renesas Technology Corp 7641 Datasheet HTML 163Page - Renesas Technology Corp 7641 Datasheet HTML 164Page - Renesas Technology Corp 7641 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 30 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
(5) Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer X counts the “H” level width of the pulses input to the P43/CNTR0 pin.
Specifications: •The timer X counts the “H” level width of the FG pulse input to the P43/CNTR0.
<Example>
When f(XIN) = 24 MHz and
φ = 6 MHz, the count source is 10.6 µs, which is obtained by dividing
the
φ by 64. Measurement can be made up to 1 s in the range of FFFF16 to 000016.
Figure 2.2.22 shows the timers connection and setting of division ratio; Figure 2.2.23 shows the
related registers setting; Figures 2.2.24 and 2.2.25 show the control procedure.
Fig. 2.2.22 Timers connection and setting of division ratios
f(XIN) = 24.0 MHz
700 ms
1/64
1/65536
0/1
1/2
CCR7
1/2
Timer X count
source selection
φ / 64
Timer X
Timer X interrupt
request bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com