Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 159Page - Renesas Technology Corp 7641 Datasheet HTML 160Page - Renesas Technology Corp 7641 Datasheet HTML 161Page - Renesas Technology Corp 7641 Datasheet HTML 162Page - Renesas Technology Corp 7641 Datasheet HTML 163Page - Renesas Technology Corp 7641 Datasheet HTML 164Page - Renesas Technology Corp 7641 Datasheet HTML 165Page - Renesas Technology Corp 7641 Datasheet HTML 166Page - Renesas Technology Corp 7641 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 32 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.24 Control procedure (1)
(address 1716),bit7
(address 0016)
(address 1916),bit3
(address 2716)
(address 2016)
(address 2116)
(address 0616),bit4
(address 0316)
(address 0716),bit1
(address 0416)
(address 2716),bit7
RESET
SEI
CCR
CPMA
P4D
TXM
TXL
TXH
ICONB
IREQB
ICONC
IREQC
TXM
CLI
000X1XXX2
RTI
0
1
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
Initialization
•Setting P43/CNTR0 pin to input mode
•Timer X: Pulse width measurement mode
(Measuring “H” pulse width of input pulses from CNTR0 pin)
•Setting Timer X count value
•Timer X interrupt: Enabled
•CNTR0 interrupt: Enabled
•Timer X count start
•Interrupts enabled
Timer X interrupt process routine (Note 1)
CLT (Note 2)
CLD (Note 3)
Push registers to stack
Error processing
Pop registers
Notes1: Timer X interrupt also occurs owing to factors other than
measurement level.(CNTR2 input = “L” in this application)
Process it by software as error proccesing is performed for
measurement level as necessary . CNTR2 input level can be
checked by reading the contents of sharing port P83 register.
2: When using Index X mode flag (T)
3: When using Decimal mode flag (D)
•Popping registers pushed to stack
•Pushing registers used in interrupt process routine
0
101101102
FF16
FF16
000000002
1
000000002
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com