Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 162Page - Renesas Technology Corp 7641 Datasheet HTML 163Page - Renesas Technology Corp 7641 Datasheet HTML 164Page - Renesas Technology Corp 7641 Datasheet HTML 165Page - Renesas Technology Corp 7641 Datasheet HTML 166Page - Renesas Technology Corp 7641 Datasheet HTML 167Page - Renesas Technology Corp 7641 Datasheet HTML 168Page - Renesas Technology Corp 7641 Datasheet HTML 169Page - Renesas Technology Corp 7641 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 35 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.27 Related registers setting
ICONB
TYLFF16
TYH
FF16
b0
b7
b0
b7
b0
b7
1
CPMA
b0
b7
00
1
0
CPU mode register A (address 0016)
Processor mode bits
Stack page select bit
Main clock (XIN-XOUT): Oscillating
Internal system clock: f(XIN)
Set an initial value.
Interrupt control register B (address 0616)
Timer YL (low) (address 2216)
Timer YH (high) (address 2316)
Timer Y interrupt: Enabled
CCR
b0
b7
Clock control register (address 1F16)
System clock selection
00 0 0
0
P4D
b0
b7
0
Port P4 direction register (address 1916)
Set to intput mode.
ICONC
b0
b7
1
Interrupt control register C (address 0716)
CNTR1 interrupt: Enabled
TYM
b0
b7
00
1
Timer Y mode register (address 2816)
Timer Y write control: Written at the same time
TYOUT output: Disabled
Timer Y count source:
φ / 64
Period measurement mode
Measuring period from rising to rising edge of CNTR1
Timer Y count: Stopped (Set to “0” after initialization.)
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com