Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 163Page - Renesas Technology Corp 7641 Datasheet HTML 164Page - Renesas Technology Corp 7641 Datasheet HTML 165Page - Renesas Technology Corp 7641 Datasheet HTML 166Page - Renesas Technology Corp 7641 Datasheet HTML 167Page - Renesas Technology Corp 7641 Datasheet HTML 168Page - Renesas Technology Corp 7641 Datasheet HTML 169Page - Renesas Technology Corp 7641 Datasheet HTML 170Page - Renesas Technology Corp 7641 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 36 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.28 Control procedure
RESET
SEI
CCR
CPMA
TYM
P4D
TYL
TYH
IREQB
IREQC
ICONB
ICONC
TYM
CLI
XXX000002
000X10002
1101XXX02
0
FF16
FF16
0
0
1
1
0
(address 1F16)
(address 0016)
(address 2816)
(address 1916),bit4
(address 2216)
(address 2316)
(address 0316),bit5
(address 0416),bit2
(address 0616),bit5
(address 0716),bit2
(address 2816),bit7
RTI
•All interrupts disabled
Initialization
•Interrupts enabled
Main processing
Timer Y interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Pop registers
Notes 1: When using Index X mode flag (T)
2: When using Decimal mode flag (D)
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
Phase control process
•Setting P44/CNTR1 pin to input mode
•Setting Timer X count value
(Set to the low-order and then high-order byte.)
•Clearing Timer Y interrupt request bit
•Clearing CNTR1 interrupt request bit
•Timer Y interrupt: Enabled
•CNTR1 interrupt: Enabled
•Timer Y count start
Error processing
RTI
CNTR1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Pop registers
Read Timer Y
(The high-order first and then low-order
byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com