Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 156Page - Renesas Technology Corp 7641 Datasheet HTML 157Page - Renesas Technology Corp 7641 Datasheet HTML 158Page - Renesas Technology Corp 7641 Datasheet HTML 159Page - Renesas Technology Corp 7641 Datasheet HTML 160Page - Renesas Technology Corp 7641 Datasheet HTML 161Page - Renesas Technology Corp 7641 Datasheet HTML 162Page - Renesas Technology Corp 7641 Datasheet HTML 163Page - Renesas Technology Corp 7641 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 29 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.21 Control procedure
SEI
CPMA
CCR
T123M
TYM
T1
T2
TYL
TYH
ICONB
IREQB
P4D
TYM
T123M
CLI
000X1XXX2
0
0XXX001X2
1010XX002
74
9
FF16
FF16
10X0XXXX2
000000002
0
0
0
RTI
(address 0016)
(address 1F16),bit7
(address 2916)
(address 2816)
(address 2416)
(address 2516)
(address 2216)
(address 2316)
(address 0616)
(address 0316)
(address 1916),bit4
(address 2816),bit7
(address 2916),bit1
TYL
TYH
FF16
FF16
(address 2216)
(address 2316)
RESET
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
Initialization
Timer 2 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Pop registers
•Timer 2 interrupt enabled, Timer Y interrupt disabled
•Set P44/CNTR1 pin to input mode.
•Start of Timer Y count
•Start of Timer 1 count
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Pushing registers used in interrupt process routine
•Popping registers pushed to stack
•Set the low-order and then high-order byte.
•
φ = f(XIN)/4
•Event counter mode
•Set division ratio so that Timer 2 interrupt will occur at 1 ms intervals.
T123M (address 2916),bit1
1
TYM (address 2816),bit7
1
(“FFFF16”) – (Timer Y count value)
TYM (address 2816),bit7
0
T123M (address 2916),bit1
0
•Stop of Timer 1 count
•Stop of Timer Y count
•Input event numbers of P44/CNTR1 pin for 1 ms.
•Start of Timer Y count
•Start of Timer 1 count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com