Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp 7641 Datasheet HTML 153Page - Renesas Technology Corp 7641 Datasheet HTML 154Page - Renesas Technology Corp 7641 Datasheet HTML 155Page - Renesas Technology Corp 7641 Datasheet HTML 156Page - Renesas Technology Corp 7641 Datasheet HTML 157Page - Renesas Technology Corp 7641 Datasheet HTML 158Page - Renesas Technology Corp 7641 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 24 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
(3) Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 4.19 MHz (222 Hz) into about
2 kHz (2048 Hz), is output from the P43/CNTR0 pin.
•The level of the P43/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.2.15 shows a peripheral circuit example, and Figure 2.2.16 shows the timers connection and
setting of division ratios. Figure 2.2.17 shows the related registers setting, and Figure 2.2.18 shows
the control procedure.
Fig. 2.2.15 Peripheral circuit example
Fig. 2.2.16 Timers connection and setting of division ratios
7641 Group
P43/CNTR0
PiPiPi.....
244
µs
CNTR0 output
The “H” level is output while a piezoelectric buzzer output stops.
244
µs
Set a division ratio so that the underflow
output period of the timer X can be 244
µs.
f(XIN)
4.19 MHz
1/21/8
1/64
P43/CNTR0
Count source
selection
φ / 8
Timer X
1/2
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com