Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 149Page - Renesas Technology Corp 7641 Datasheet HTML 150Page - Renesas Technology Corp 7641 Datasheet HTML 151Page - Renesas Technology Corp 7641 Datasheet HTML 152Page - Renesas Technology Corp 7641 Datasheet HTML 153Page - Renesas Technology Corp 7641 Datasheet HTML 154Page - Renesas Technology Corp 7641 Datasheet HTML 155Page - Renesas Technology Corp 7641 Datasheet HTML 156Page - Renesas Technology Corp 7641 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 22 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.2 Timer
Fig. 2.2.13 Related registers setting
ICONB
T19F16
T2
6316
b0
b7
b0
b7
b0
b7
CPMA
b0
b7
01 11
T123M
b0
b7
01 0
0
0
1
1
0
CPU mode register A (address 0016)
Processor mode bits
Stack page select bit
Sub-clock (XCIN-XCOUT): Oscillating
Main clock (XIN-XOUT): Stopped
Internal system clock: XCIN-XCOUT
Set “division ratio – 1”.
[ T1 = 159 (9F16), T2 = 99 (6316) ]
Interrupt control register B (address 0616)
Timer 123 mode register (address 2916)
Timer 1 count: In progress
Timer 1 count source: f(XCIN) / 2
Timer 2 count source: Timer 1’s underflow
TOUT output disabled
Timers 1, 2 write control: Written at the same time
Timer 1 (address 2416)
Timer 2 (address 2516)
Timer 1 interrupt: Enabled
Timer 2 interrupt: Disabled
IREQB
b0
b7
Interrupt request register B (address 0316)
Timer 1 interrupt request
Timer 2 interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com