Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 204Page - Renesas Technology Corp 7641 Datasheet HTML 205Page - Renesas Technology Corp 7641 Datasheet HTML 206Page - Renesas Technology Corp 7641 Datasheet HTML 207Page - Renesas Technology Corp 7641 Datasheet HTML 208Page - Renesas Technology Corp 7641 Datasheet HTML 209Page - Renesas Technology Corp 7641 Datasheet HTML 210Page - Renesas Technology Corp 7641 Datasheet HTML 211Page - Renesas Technology Corp 7641 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 77 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
2.4.7 Notes on UART
(1) Receive
•When any one of errors occurs, the summing error flag is set to “1” and the UARTx summing error
interrupt request bit is also set to “1”. If a receive error occurs, the reception does not set the
UARTx receive buffer full interrupt request bit to “1”.
•If the receive enable bit (REN) is set to “0” (disabled) while a data is being received, the receiving
operation will stop after the data has been received.
•Setting the receive initialization bit (RIN) to “1” resets the UARTx RTS control register (UxRTS) to
“8016”. After setting the RIN bit to “1”, set this UxRTS.
(2) Transmit
•Once the transmission starts, it continues until the last bit has been transmitted even though clearing
the transmit enable bit (TEN) to “0” (disabled) or inputting “H” to the CTSx pin. After completion of
the current transmission, the transmission is disabled.
•The transmit complete flag (TCM) is changed from “1” to “0” later than 0.5 to 1.5 clocks of the shift
clock. Accordingly, take it in consideration to transmit data confirming the TCM flag after the data
is written into the transmit buffer register.
(3) Register settings
•If updating a value of UARTx baud rate generator while the data is being transmitted or received,
be sure to disable the transmission and reception before updating. If the former data remains in the
UARTx transmit buffer registers 1 and 2 at retransmission, an undefined data might be output.
•The all error flags PER, FER, OER and SER are cleared to “0” when the UARTx status register is
read, at the hardware reset or initialization by setting the Transmit Initialization Bit. These flags are
also cleared to “0” by execution of bit test instructions such as BBC and BCS.
•The transmit buffer empty flag (TBE) is set to “0” when the low-order byte of transmitted data is
written into the UARTx (x = 1, 2) transmit buffer register 1. When using 9-bit character length, set
the data into the UARTx transmit buffer register 2 (high-order byte) first before the UARTx transmit
buffer register 1 (low-order byte).
•The receive buffer full flag (RBF) is set to “0” when the contents of UARTx receive buffer register
1 is read out. When using 9-bit character length, read the data from the UARTx receive buffer
register 2 (high-order byte) first before the UARTx receive buffer register 1 (low-order byte).
•If a character bit length is 7 bits, bit 7 of the UARTx transmit/receive buffer register 1 and bits 0 to
7 of the UARTx transmit/receive buffer register 2 are ignored at transmitting; they are invalid at
receiving.
If a character bit length is 8 bits, bits 0 to 7 of the UARTx transmit/receive buffer register 2 are
ignored at transmitting; they are invalid at receiving.
If a character bit length is 9 bits, bits 1 to 7 of the UARTx transmit/receive buffer register 2 are
ignored at transmitting; they are “0” at receiving.
•The reset cannot affect the contents of baud rate generator.
(4) UART address mode
•When the MSB of the incoming data is “0” in the UART address mode, the receive buffer full flag
(RBF) is set to “1”, but the receive buffer full interrupt request bit is not set to “1”.
•An overrun error cannot be detected after the first data has been received in UART address mode.
•The UART address mode can be used in either an 8-bit or 9-bit character length. 7-bit character
length cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com