Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 205Page - Renesas Technology Corp 7641 Datasheet HTML 206Page - Renesas Technology Corp 7641 Datasheet HTML 207Page - Renesas Technology Corp 7641 Datasheet HTML 208Page - Renesas Technology Corp 7641 Datasheet HTML 209Page - Renesas Technology Corp 7641 Datasheet HTML 210Page - Renesas Technology Corp 7641 Datasheet HTML 211Page - Renesas Technology Corp 7641 Datasheet HTML 212Page - Renesas Technology Corp 7641 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 78 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.4 UART
(5) CTS function
When the CTS function is enabled, the transmitted data is not transferred to the transmit shift register
until “L” is input to the CTSx pin (P86/CTS1, P82/CTS2/SRXD). As the result, do not set the following
data to the transmit buffer register.
(6) RTS function
•If the start bit is detected in the term of “H” assertion of RTS, its assertion count is suspended and
the RTSx pin remains “H” output. After receiving the last stop bit, the count is resumed.
•Setting the receive initialization bit (RIN) to “1” resets the UARTx RTS control register (UxRTS) to
“8016”. After setting the RIN bit to “1”, set this UxRTS.
(7) Interrupt
•When setting the transmit initialization bit (TIN) to “1”, both the transmit buffer empty flag (TBE) and
the transmit complete flag (TCM) are set to “1”, so that the transmit interrupt request occurs
independent of its interrupt source. After setting the transmit initialization bit (TIN) to “1”, clear the
transmit interrupt request bit to “0” before setting the transmit enable bit (TEN) to “1”.
•The transmit interrupt request bit is set and the interrupt request is generated by setting the transmit
enable bit (TIN) to “1” even when selecting timing that either of the following flags is set to “1” as
timing where the transmission interrupt is generated:
(1) Transmit buffer empty flag is set to “1”
(2) Transmit complete flag is set to “1”.
Therefore, when the transmit interrupt is used, set the transmit interrupt enable bit to transmit
enabled as the following sequence:
(1) Transmit enable bit is set to “1”
(2) Transmit interrupt request bit is set to “0”
(3) Transmit interrupt enable bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com