Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 209Page - Renesas Technology Corp 7641 Datasheet HTML 210Page - Renesas Technology Corp 7641 Datasheet HTML 211Page - Renesas Technology Corp 7641 Datasheet HTML 212Page - Renesas Technology Corp 7641 Datasheet HTML 213Page - Renesas Technology Corp 7641 Datasheet HTML 214Page - Renesas Technology Corp 7641 Datasheet HTML 215Page - Renesas Technology Corp 7641 Datasheet HTML 216Page - Renesas Technology Corp 7641 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 82 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.5 DMAC
(3) DMAC channel x (x = 0, 1) mode register 2
•DMAC channel x software transfer trigger bit (DxSWT)
Writing “1” to the DxSWT bit can generate a transfer request as a software trigger. If all of DMACx
hardware transfer request source bits (DxHR) are “0”, the software trigger is only transfer request
factor. This bit is fixed to “0” at read.
•DMAC channel x USB and master CPU bus interface enable bit (DxUMIE)
When both USB and master CPU bus interface is used as a hardware transfer request source, set
the DxUMIE bit to “1”. When not that the master CPU bus interface is used, but that the USB is
only used, set the DxUMIE bit to “0” (disabled).
•DMAC channel x transfer initiation source capture register reset bit (DxCRR)
Writing “1” to the DxCRR bit can reset the transfer initiation source capture register. The request
of the transfer initiation source is latched asynchronously and it is sampled into the transfer
initiation source capture register at a rising edge of
φ. This bit is fixed to “0” at read.
•DMAC channel x enable bit (DxCEN)
The DMAC channel x is enabled by setting this bit to “1”. When clearing this to “0”, the DMA
transfer is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com