Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 212Page - Renesas Technology Corp 7641 Datasheet HTML 213Page - Renesas Technology Corp 7641 Datasheet HTML 214Page - Renesas Technology Corp 7641 Datasheet HTML 215Page - Renesas Technology Corp 7641 Datasheet HTML 216Page - Renesas Technology Corp 7641 Datasheet HTML 217Page - Renesas Technology Corp 7641 Datasheet HTML 218Page - Renesas Technology Corp 7641 Datasheet HTML 219Page - Renesas Technology Corp 7641 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 85 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.5 DMAC
Fig. 2.5.6 Structure of DMAC channel x source registers Low, High
DMAC channel x source registers Low, High
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x source registers Low, High
(DMAxSL,DMAxSH : addresses 4216, 4316)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is a 16-bit register with a latch.
qThis register indicates the source address for data transfer.
Notes 1: DMAC channel x source registers low, high of channels 0 and 1 are assigned at
the same addresses. The accessible register depends on channel index bit, bit 7 of
DMAC index and status register.
2: Write data into the lower bytes first, and then the higher bytes.
3: Read the contents from the higher bytes first, and then the lower bytes.
DMAC channel x destination registers Low, High
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x destination registers Low, High
(DMAxDL,DMAxDH : addresses 4416, 4516)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is a 16-bit register with a latch.
qThis register indicates the destination address for data transfer.
Notes 1: DMAC channel x destination registers low, high of channels 0 and 1 are assigned
at the same addresses. The accessible register depends on channel index bit, bit 7
of DMAC index and status register.
2: Write data into the lower bytes first, and then the higher bytes.
3: Read the contents from the higher bytes first, and then the lower bytes.
Fig. 2.5.7 Structure of DMAC channel x destination registers Low, High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com